|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS SA5.0 - SA170CA Pb 500W TRANSIENT VOLTAGE SUPPRESSOR Features ! ! ! ! ! ! ! Glass Passivated Die Construction 500W Peak Pulse Power Dissipation 5.0V - 170V Standoff Voltage A B A Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Case Material has UL Flammability Classification Rating 94V-O D DO-15 Dim Min Max 25.4 -- A 5.50 7.62 B 0.71 0.864 C 2.60 3.60 D All Dimensions in mm C Mechanical Data ! ! ! ! ! ! Case: DO-15, Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Except Bi-Directional Marking: Type Number Weight: 0.40 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 6 "C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices Maximum Ratings and Electrical Characteristics Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1, 2, 5) Figure 3 Peak Forward Surge Current (Note 3) Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 1 Steady State Power Dissipation (Note 2, 4) Operating and Storage Temperature Range @TA=25C unless otherwise specified Symbol PPPM IFSM IPPM PM(AV) Tj, TSTG Value 500 Minimum 70 See Table 1 1.0 -65 to +175 Unit W A A W C Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75C. 5. Peak pulse power waveform is 10/1000S. SA5.0 - SA170CA 1 of 6 (c) 2006 Won-Top Electronics 10,000 IP, PEAK PULSE CURRENT (%pp) tr = 10ms Tj = 25C f = 1.0 MHz Vsig = 50mV p-p Cj, CAPACITANCE (pF) 100 Peak Value Ipp 1000 Measured at Zero Bias Half Value Ipp/2 50 Measured at Stand-off Voltage 100 tp 0 10 X 1000 Waveform as defined by R.E.A. 10 0 1 2 3 1 10 100 1000 t, TIME (ms) Fig. 1 Pulse Waveform VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance 100 PP, PEAK PULSE POWER (kW) IMPULSE 10 1.0 0.1 0.1 TC = 25C 1.0 10 100 1000 10000 Tp, PULSE WIDTH (s) Fig. 3 Pulse Rating Curve PK PULSE DERATING (% PK PWR OR CURRENT) Pd , STEADY STATE POWER DISSIPATION (W) 100 1.00 Single Phase Half-Wave 60Hz Resistive or Inductive Load 75 0.75 50 0.50 L = 9.5 mm 25 10 X 1000 Waveform as defined by REA 0.25 40 x 40 x 1 mm Cu 0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5, Steady State Power Derating 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve SA5.0 - SA170CA 2 of 6 (c) 2006 Won-Top Electronics UNI-DIRECTIONAL 500 WATT AXIAL LEAD TVS UNI-DIRECTIONAL PART NUMBER SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A REVERSE STAND-OFF VOLTAGE VRWM (V) 5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.99 8.99 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 52.3 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 16.1 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 SA5.0 - SA170CA 3 of 6 (c) 2006 Won-Top Electronics BI-DIRECTIONAL 500 WATT AXIAL LEAD TVS BI-DIRECTIONAL PART NUMBER SA5.0C SA5.0CA SA6.0C SA6.0CA SA6.5C SA6.5CA SA7.0C SA7.0CA SA7.5C SA7.5CA SA8.0C SA8.0CA SA8.5C SA8.5CA SA9.0C SA9.0CA SA10C SA10CA SA11C SA11CA SA12C SA12CA SA13C SA13CA SA14C SA14CA SA15C SA15CA SA16C SA16CA SA17C SA17CA SA18C SA18CA SA20C SA20CA SA22C SA22CA SA24C SA24CA SA26C SA26CA SA28C SA28CA SA30C SA30CA SA33C SA33CA SA36C SA36CA SA40C SA40CA SA43C SA43CA SA45C SA45CA SA48C SA48CA SA51C SA51CA SA54C SA54CA SA58C SA58CA SA60C SA60CA SA64C SA64CA SA70C SA70CA SA75C SA75CA SA78C SA78CA SA85C SA85CA SA90C SA90CA SA100C SA100CA SA110C SA110CA SA120C SA120CA SA130C SA130CA SA150C SA150CA SA160C SA160CA SA170C SA170CA REVERSE STAND-OFF VOLTAGE VRWM (V) 5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.99 8.99 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 52.3 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 16.1 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 1200 1200 1200 1200 800 800 300 300 100 100 50 50 20 20 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 SA5.0 - SA170CA 4 of 6 (c) 2006 Won-Top Electronics MARKING INFORMATION TAPING SPECIFICATIONS 0.8mm MAX 5mm Cathode S Axx WTE SAxx WTE = Polarity Band Except = Bi-Directional Types = Device Number = Manufacturer's Logo 1.2mm MAX 6mm 52.4mm Cathode Tape: Red Anode Tape: White 0.8mm MAX PACKAGING INFORMATION TAPE & BOX TAPE & REEL Product ID Label 150mm Inspection Hole (both ends) 330mm 255mm 75mm BULK 805mm 25mm 200mm Product ID Label 85mm Packaging TAPE & REEL TAPE & BOX BULK Reel Diameter / Box Size (mm) 330 255 x 75 x 150 200 x 85 x 25 Quantity (PCS) 4,000 3,000 1,000 Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256 Quantity (PCS) 20,000 30,000 40,000 Approx. Gross Weight (KG) 12.0 15.0 17.5 Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E. SA5.0 - SA170CA 5 of 6 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. SAxx-T3 SAxx-TB SAxx 1. 2. 3. Package Type DO-15 DO-15 DO-15 Shipping Quantity 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version, add "-LF" suffix to part number above. For example, SA5.0-TB-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. SA5.0 - SA170CA 6 of 6 (c) 2006 Won-Top Electronics |
Price & Availability of SA50-T3 |